PART |
Description |
Maker |
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
P5KE6.0 P5KE6.0A P5KE6.5 P5KE6.5A P5KE14A P5KE14 P |
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
SA20AG |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
BZX55-C10-TP-TP BZX55-C6V8 BZX55-C30 BZX55-C3V0 BZ |
10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE-2 500 mWatt Zener Diode 2.42 to 47 Volts 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mWatt Zener Diode 2.42 to 47 Volts 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mWatt Zener Diode 2.42 to 47 Volts 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mWatt Zener Diode 2.42 to 47 Volts 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mWatt Zener Diode 2.42 to 47 Volts 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mWatt Zener Diode 2.42 to 47 Volts 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Micro Commercial Components, Corp.
|
MMSZ4XXXT1 MMSZ4XXXT1G MMSZ4XXXT3 MMSZ4XXXT3G MMSZ |
Low Current Zener Diode 5.6 V SOD-123; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mW锛?OD123锛?〃?㈠?瑁??绾崇ǔ???) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// ONSEMI[ON Semiconductor] Leshan Radio Company, Ltd.
|
SA45-TP |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MICRO COMMERCIAL COMPONENTS
|
SA18 SA14 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
L50ESDL12VH4-2 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
MMSZ2V7ET1G MMSZ9V1ET1 MMSZ10ET1 MMSZ10ET1G MMSZ11 |
Zener Voltage Regulators 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits; Package: MICRO SMD; No of Pins: 6; 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mWB>SOD123,表面安装齐纳稳压管) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
SZN5114BTXV SZN5114C SZN5114BS SZN5114CSMS SZN5114 |
360 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 240 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 260 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 270 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 51 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 330 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SOLID STATE DEVICES INC
|
SA14 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
VISHAY SEMICONDUCTORS
|
015AZ3.0 015AZ3.6 015AZ3.9 015AZ5.1 015AZ5.6 015AZ |
15.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.515 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.925 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.075 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.24 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.225 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.525 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.835 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.775 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 9.35 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.68 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.05 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.5 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.215 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.465 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN Constant-Voltage Regulation Applications
|
Nihon Dempa Kogyo Co., Ltd. Toshiba, Corp. NIC Components, Corp. Toshiba Semiconductor
|
|